| データシートサーチシステム |
|
TDA7294 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7294 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 31 page ![]() 1 Typical application Figure 1. Typical application and test circuit IN- 2 R2 680Ω C2 22µF C1 470nF IN+ R1 22K R6 2.7Ω C10 100nF 3 R3 22K - + MUTE STBY 4 VM VSTBY 10 9 IN+MUTE MUTE STBY R4 22K THERMAL SHUTDOWN S/C PROTECTION R5 10K C3 10µF C4 10µF 1 STBY-GND C5 22µF 3 1 7 14 6 15 8 -Vs -PWVs BOOT- STRAP OUT +PWVs +Vs C9 100nF C8 1000µF -Vs +Vs 0 0 0 1 6 C F n 0 0 1 7 C µF Note: The Boucherot cell R6, C10, normally not necessary for a stable operation it could be needed in presence of particular load impedances at VS < ± 25 V. TDA7294 Typical application DS0013 - Rev 8 page 2/31 |