| データシートサーチシステム |
|
TDA7440 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7440 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 17 page ![]() TDA7440 4/17 Figure 4. Test Circuit AUDIO OUTPUTS VCLIP Clipping Level d = 0.3% 2.1 2.6 Vrms RL Output Load Resistance 2 K Ω RO Output Impedance 10 30 50 Ω VDC DC Voltage Level 3.5 3.8 4.1 V GENERAL ENO Output Noise All gains = 0dB; 5 15 µV BW = 20Hz to 20KHz flat Et Total Tracking Error AV = 0 to -24dB 0 1 dB AV = -24 to -47dB 0 2 dB S/N Signal to Noise Ratio All gains 0dB; VO = 1Vrms 95 106 dB SC Channel Separation Left/Right 80 100 dB dDistortion AV = 0; VI = 1Vrms 0.01 0.08 % BUS INPUT VIL Input Low Voltage 1V VIH Input High Voltage 3 V IIN Input Current VIN = 0.4V -5 0 5 µA VO Output Voltage SDA Acknowledge IO = 1.6mA 0.4 0.8 V Table 5. Electrical Characteristcs (continued) Refer to the test circuit Tamb = 25°C, VS = 9V, RL = 10K Ω, RG = 600Ω, all controls flat (G = 0dB), unless otherwise specified. Symbol Parameter Test Condition Min. Typ. Max. Unit 10 µF 5.6nF 100nF 100nF 5.6K 2.2 µF 5.6nF 2.2 µF 100nF 100nF 5.6K 0.47 µF 0.47 µF 0.47 µF 0.47 µF 0.47 µF 0.47 µF 0.47 µF 0.47 µF 0/30dB 2dB STEP MUXOUTL INL VOLUME VOLUME TREBLE TREBLE TREBLE(L) MUXOUTR INR TREBLE(R) BOUT(L) SPKR ATT LEFT LOUT SCL SDA DIG_GND ROUT D98AU885 I 2CBUS DECODER + LATCHES 100K 100K 100K 100K G L-IN1 L-IN2 L-IN3 L-IN4 100K 100K 100K 100K R-IN1 R-IN2 R-IN3 R-IN4 G INPUT MULTIPLEXER + GAIN BASS BIN(L) BASS SPKR ATT RIGHT BOUT(R) BIN(R) SUPPLY CREF AGND VS 27 4 5 6 7 3 2 1 28 21 22 20 26 24 25 10 11 19 12 13 23 8 9 18 14 15 RB RB VREF |