| データシートサーチシステム |
|
PC7-FESTIVAL データシート(PDF) 10 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
PC7-FESTIVAL データシート(HTML) 10 Page - Elma Electronic Ltd |
|
10 / 19 page ![]() PC7-FESTIVAL • CompactPCI® PlusIO CPU Board • Intel® Xeon® Processor J-GP J-RTC P-HSE1 BATT1 BATT2 P-FPH Dual GbE P-ETH Top Side P-SODM PC7-FESTIVAL CompactPCI PlusIO EKF ekf.com •® • © • P-EXP 2 x USB 3.0 DP DP P-HSE2 J-MFG CPU XEON® E3 v6 PCH CM238 Legacy LPC 2 x UART HD Audio 4 x PCIe Gen3 or 4 x SATA 6G 1 x USB3 1 x USB2 4 x PCIe Gen3 DisplayPort HSE2 HSE1 EXP 4 x PCIe 4 x SATA 4 x USB2 J1 CompactPCI® CompactPCI® PlusIO J2 UHM J2 UHM PC7-FESTIVAL • System Expansion Options CompactPCI® PlusIO CompactPCI® PlusIO (PICMG® 2.30) is an enhancement to CompactPCI® Classic which enables system expansion and rear I/O across J2. High speed signal lines (PCI Express®, SATA and USB) are passed from the PC7-FESTIVAL via the J2 connector to the backplane, for usage either with a PlusIO rear I/O transition module, or recent CompactPCI® Serial cards. CompactPCI® Serial (PICMG® CPCIS.0) defines a card slot based on PCI Express®, SATA, Gigabit Ethernet and USB serial data lines. On a hybrid backplane, both card styles CompactPCI® and CompactPCI® Serial can reside, with the PC7-FESTIVAL in the middle as controller for both backplane segments, combining the technologies of both worlds. © EKF -10- ekf.com |