| データシートサーチシステム |
|
BYW29 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BYW29 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 6 page ![]() 0.001 0.01 0.1 1 0 10 20 30 40 50 60 IM t =0.5 t(s) IM(A) Tc=25 C o Tc=50 C o Tc=100 C o Fig.7 : Non repetitive surge peak forward current versus overload duration. (ISOWATT220AC) 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 7 8 9 10 T =tp/T tp =0.5 F(av)( A) I o Tamb( C) Rth(j-a)=15 C/W o Rth(j-a)=Rth(j-c) Fig.8 : Average current versus ambient temperature. ( δ: 0.5) (TO-220AC) 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 7 8 9 10 T =tp/T tp =0.5 F(av)( A) I o Tamb( C) Rth(j-a)=15 C/W o Rth(j-a)=Rth(j-c) Fig.9 : Average current versus ambient temperature. ( δ: 0.5) (ISOWATT220AC) C(pF) VR(V) F=1Mhz Tj=25 C o Fig.10 : Junction capacitance versus reverse voltage applied (Typical values). 0.001 0.01 0.1 1 0 10 20 30 40 50 60 70 80 IM t =0.5 t(s) IM(A) Tc=25 C o Tc=75 C o Tc=120 C o Fig.6 : Non repetitive surge peak forward current versus overload duration. (TO-220AC) QRR(nC) IF=IF(av) 90 %CONFIDENCE Tj-100 C dIF/dt(A/us) O Fig.11 : Recovery charges versus dIF/dt. BYW29(F) 4/6 |