| データシートサーチシステム |
|
VND830MSP データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VND830MSP データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 27 page ![]() VND830MSP Package and packing information Doc ID 7379 Rev 5 23/27 5 Package and packing information 5.1 ECOPACK® packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 5.2 PowerSO-10 mechanical data Figure 31. PowerSO-10 package dimensions DETAIL "A" PLANE SEATING α L A1 F A1 h A D D1 = = = = E4 0.10 A E C A B B DETAIL "A" SEATING PLANE E2 10 1 eB HE 0.25 Obsolete Product(s) - Obsolete Product(s) |