| データシートサーチシステム |
|
STM32WL33C8 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL33C8 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 91 page ![]() 3.5 Power supply management 3.5.1 SMPS step-down converter The device integrates a step-down converter to improve low power performance when the VDD (aka VDDIO) voltage is high enough. The SMPS output voltage can be programmed from 1.2 V to 2.4 V with a granularity of 100 mV. The SMPS output voltage can be controlled by the PWRC_CR5.SMPSLVL[3:0] register. The relation between the SMPSLVL and the VOUT of the SMPS is given by Table 2: Table 2. SMPS output voltage SMPSLV VOUT Min. VBATT 0 1.2 V 1.95 V 1 1.2 V 1.95 V 2 1.2 V 1.95 V 3 1.3 V 1.95 V 4 1.4 V 2.0 V 5 1.5 V 2.0 V 6 1.6 V 2.15 V 7 1.7 V 2.2 V 8 1.8 V 2.3 V 9 1.9 V 2.45 V 10 2.0 V 2.6 V 11 2.1 V 2.7 V 12 2.2 V 2.8 V 13 2.3 V 2.8 V 14 2.4 V 2.9 V 15 2.4 V 2.9 V It is internally clocked at 4 MHz or 8 MHz. It can be clocked at a frequency in-between 4 MHz and 8 MHz by means of the KRM feature. In this case the SMPS can be clocked at System Clock divided by 8 to 16 by unitary steps. This feature is useful to avoid that the channel to be received is at a frequency that is an integer multiple of the SMPS clock. The device can operate without the internal SMPS either by using a dedicated hardware setting, or by using the bypass-on-the-fly (BOF) feature. The bypass-on-the-fly permits internal connection of the SMPS output to the battery via a current-limited switch (Static mode), or bypass of the SMPS by the use of an internal regulator (dynamic). In both modes the SMPS is off while the bypass-on-the-fly is operating, and a programmable current limitation is provided. The static mode connects the SMPS output to the battery after the first start-up of the STM32WL33xx, and the connection is maintained until a reset occurs. In this case, the transmission is limited to +14dBm. The dynamic mode bypasses the SMPS with a regulator. For instance, this can be done dynamically to use the SMPS during transmission and to bypass the SMPS via a regulator during reception. The SMPS has the following possible configurations: • SMPS_ON – the VFBSD pin of the SMPS outputs a regulated voltage (from 1.2V to 2.4V) – the SMPS needs a clock. • No SMPS – VFBSD pin must be connected or to an external supply or to VDD – VLXSD pin must be floating – the SMPS does not need a clock STM32WL33xx Functional overview DS14221 - Rev 5 page 12/91 |