データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SESSION-SMART-NETWORKING データシート(PDF) 2 Page - Juniper Networks, Inc.

部品番号 SESSION-SMART-NETWORKING
部品情報  SESSION SMART NETWORKING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JUNIPER [Juniper Networks, Inc.]
ホームページ  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SESSION-SMART-NETWORKING データシート(HTML) 2 Page - Juniper Networks, Inc.

  SESSION-SMART-NETWORKING Datasheet HTML 1Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 2Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 3Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 4Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Integrated security: The solution includes built-in next-
generation firewall features such as IDS/IPS, URL filtering, and
antivirus, providing robust and consistent protection across the
entire branch network.
• Security at its core: The advanced design of the SSR replaces
the traditional routing plane with one built for security from
the ground up, providing a unified security posture without
relying on separate, bolted-on appliances.
• AI-native management: When paired with Juniper® WAN
Assurance, the SSR's security is managed by Marvis® AI, which
provides a single, centralized platform for policy orchestration,
real-time threat intelligence, and AI-native troubleshooting.
Table 1 details the key features of the SSR.
Category
Features
System and network
services
SNAT/DNAT, destination NAPT, shared NAT pool, IPv4/IPv6, DHCP
client, DHCP relay, DHCP server, DHCP server extensions, DHCPv6
PD, DNS client, PPPoE, Proxy ARP, NAT traversal, BFD, inline flow
performance monitoring, extended firewall pinhole, path MTU
discovery, MSS auto adjust, DSCP based service identification for
IPsec
Advanced services
Secure Vector Routing (SVR), Multipoint SVR, IPv6 SVR, overlapping
IP service segmentation, Ethernet over SVR, application identification
Routing
Service based routing, static routing, BGPv4, BGP route reflector,
BGP graceful restart, BGP over SVR, BGP route map, BGP prefix list,
OSPFv2, BGP VRF, OSPF VRF, Services and Topology Exchange
Protocol (STEP)
Traffic engineering
Traffic scheduling and shaping, flow policing and shaping, packet
marking (DiffServ), service rate limiting
Network firewall
Distributed stateful firewall, distributed and automated access control,
fine-grained segmentation/tenancy, ICSA network firewall certified,
ICMP blackhole
IDS/IPS and URL
filtering
Intrusion Detection System/ Intrusion Prevention System (IDS/IPS)
and URL filtering capabilities are available through the Advanced
Security Pack.
Secure edge
connectors
Seamless connections to Juniper Secure Edge or third-party SSE.
Application
identification
HTTP/S domain-based identification, O365 identification, DNS based
identification, application categorization
Analytics
Session metrics, network metrics, LTE metrics, peer path SLA, MOS
score, session analytics, SSL/TLS metrics, session IPFIX records
Session encryption
Session Payload Encryption (AES-256, AES-128), session/route
authentication (HMAC-SHA1, HMAC-SHA256, HMAC-
SHA-256-128), adaptive encryption, rekeying, FIPS 140-2 validated,
enhanced replay attack protection, transport-based encryption
Session
management
Path selection, (SLA, MoS, average latency), load balancing using
proportional and hunt, session migration, session duplication, session
duplication for non-SVR, session duplication for inter-node links, MOS
for VoIP, Path of last resort, session optimization, session reliability,
service health learning, service route redundancy
Monitoring
Monitoring agent, SNMPv2, Syslog, audit logs
Management and
remote access
GUI, CLI, REST, remote access over SVR (LTE), upgrade rollback, Zero
Touch Provisioning, remote service packet capture, user-defined
configuration templates, role-based access control
AAA
Local registry, LDAP
Interface options
Ethernet, LTE support including Dual LTE and Dual SIM, T1
Platforms
Bare metal x86 server, KVM, VMWare ESXi, OpenStack, AWS, Azure,
Google Cloud
Session Smart Conductor
The Session Smart Conductor is a centralized management and
policy engine that provides orchestration, administration, Zero
Touch Provisioning (ZTP), monitoring, and analytics for distributed
SSRs while maintaining a network
‑wide, multitenant service, and
policy data model. The Session Smart Conductor features multiple,
flexible deployment models, from on
‑premises to private or public
cloud.
Juniper WAN Assurance and AI-native operations
Alternatively, SSRs can be operated and orchestrated through the
Mist cloud. Marvis AI delivers unprecedented automation using a
combination of AI, machine learning algorithms, and data science
techniques to save time, maximize IT productivity, and deliver the
best experience to digital users.
Juniper WAN Assurance is built on the Mist cloud and delivers full
life cycle management and operations, including AI
‑native insights,
automated speed tests, dynamic packet capture (dPCAP), anomaly
detection, and root cause identification that focuses on end users’
experience. For Day 0 and Day 1 operations, WAN Assurance also
provides orchestration, administration, and ZTP for SSRs. See the
WAN Assurance Datasheet for more information.
Platform options for the Session Smart Router
SSR100, SSR400, and SSR1000 Series appliances
The SSR series of appliances provide the hardware foundation for
the Juniper AI
‑native SD‑WAN solution:
• The SSR100 line includes small and medium branch platform
to support SD-WAN in distributed locations
• The SSR400 line includes small and medium branch platforms
to support SD-WAN in distributed locations as well, but also
includes integrated Wi-Fi, switching, and 5G
• The SSR1000 line includes platforms for large branch, and
small, medium, large and extra-large data center and campus
deployments
Deployment locations are shown in Table 2, along with links to the
relevant datasheets for more information.
Session Smart Networking Datasheet
2



Html Pages

1 2 3 4