| データシートサーチシステム |
|
CDX4ACT151 データシート(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDX4ACT151 データシート(HTML) 12 Page - Texas Instruments |
|
12 / 33 page ![]() 7 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 7.1 Application Information The CDx4ACT151 is an 8-to-1 data selector/multiplexer. This application shows an example of using the device with all required connections. 7.2 Typical Application System Controller 3:8 DECODER A B C G GND 8:1 Multiplexer D1 D2 D0 D4 D5 D3 D6 D7 Device 0 Device 1 Device 2 Device 3 Device 4 Device 5 Device 6 Device 7 Y VCC 0.1…F W VCC Figure 7-1. Typical Application Block Diagram CD54ACT151, CD74ACT151 SCHS338B – MARCH 2003 – REVISED MAY 2025 www.ti.com 12 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: CD54ACT151 CD74ACT151 |