| データシートサーチシステム |
|
L9396 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9396 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 109 page ![]() DS12539 Rev 10 13/109 L9396 Overall description 109 2.3 Absolute maximum ratings Within the maximum ratings, no damage to the component shall occur. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. All maximum ratings can occur at the same time. All analog and digital voltages are related to the potential at substrate ground GNDA. Table 3. Pin absolute maximum ratings Symbol Parameter Condition Min Typ Max Unit Power Supply ABS_VB - - -0.3 - 40 V ABS_VBST - - -0.3 - 40 V ABS_VBM - - -0.3 - 40 V ABS_VB_SW - - -18 - 40 V ABS_BSTSW - - -0.3 - 40 V ABS_VPREREG - - -0.3 - 40 V ABS_I_CORE_SH - - -0.3 - 40 V ABS_I_CORE_SL - - -0.3 - 40 V ABS_BCKSW - - -1 - 40 V ABS_SCORE - - -1 - 40 V ABS_VC4 - - VBST-0.6 - VBST+13 ≤ 51 V ABS_VC2 - - VBST-0.3 - VBST+13 ≤ 51 V ABS_CP - - VBST-0.3 - VBST+13 ≤ 51 V ABS_VC1 - - -0.3 - 40 V ABS_VC3 - - -0.3 - 40 V ABS_CBS - - -0.3 - SCORE+ 20≤40 V ABS_GCORE - - -0.3 - SCORE+ 20≤40 V ABS_NU - - -0.3 - 4.6 V ABS_VCC5 - - -0.3 - 40 V ABS_VCC - - -0.3 - 40 V ABS_VCOREFDBK - - -0.3 - 40 V ABS_VCORE - - -0.3 - 40 V ABS_VCCSEL - - -0.3 - 40 V ABS_IGN - - -0.3 - 40 V ABS_GNDA - - -0.3 - 0.3 V ABS_GNDD - - -0.3 - 0.3 V ABS_GNDBST - - -0.3 - 0.3 V |