| データシートサーチシステム |
|
L9678P データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 215 page ![]() Table 6. Global SPI register map GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming 0 0 0 0 0 0 0 0 $00 R FLTSR Global fault status register 0 0 0 0 0 0 0 1 $01 R/W SYS_CFG Power supply configuration (regulators' output voltage selection, enable internal safing engine) X 0 0 0 0 0 0 1 0 $02 R/W SYS_CTL Register to control the power management (enable for tests in diag state, enable for power mode control bits) X X X X X 0 0 0 0 0 0 1 1 $03 W SPI_SLEEP Sleep Mode command X X X X X 0 0 0 0 0 1 0 0 $04 R SYS_STATE Read register to report in which state the power control state machine is and also in which Operating state we are. 0 0 0 0 0 1 0 1 $05 R POWER_STATE Power state register (feedback on regulators' status and voltage thresholds) 0 0 0 0 0 1 1 0 $06 R/W DCR_0 Deployment configuration register X X X X 0 0 0 0 0 1 1 1 $07 R/W DCR_1 X X X X 0 0 0 0 1 0 0 0 $08 R/W DCR_2 X X X X 0 0 0 0 1 0 0 1 $09 R/W DCR_3 X X X X 0 0 0 0 1 0 1 0 $0A 0 0 0 0 1 0 1 1 $0B 0 0 0 0 1 1 0 0 $0C 0 0 0 0 1 1 0 1 $0D 0 0 0 0 1 1 1 0 $0E 0 0 0 0 1 1 1 1 $0F 0 0 0 1 0 0 0 0 $10 0 0 0 1 0 0 0 1 $11 0 0 0 1 0 0 1 0 $12 R/W DEPCOM Deployment command register X X |