データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9679P データシート(PDF) 273 Page - STMicroelectronics

部品番号 L9679P
部品情報  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P データシート(HTML) 273 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 269Page - STMicroelectronics L9679P Datasheet HTML 270Page - STMicroelectronics L9679P Datasheet HTML 271Page - STMicroelectronics L9679P Datasheet HTML 272Page - STMicroelectronics L9679P Datasheet HTML 273Page - STMicroelectronics L9679P Datasheet HTML 274Page - STMicroelectronics L9679P Datasheet HTML 275Page - STMicroelectronics L9679P Datasheet HTML 276Page - STMicroelectronics L9679P Datasheet HTML 277Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 279 page
background image
DS11627 Rev 7
273/279
L9679P
Errata sheet
278
20
Errata sheet
Table 74. Errata sheet
#
Component
Revision
Category /
Function
Issue Description
1
L9679BB
Deployment
Diagnostic
The high side driver diagnostic, described in section on page
167, doesn’t work. As a consequence, the ILIM_HS_FET parameter
is not tested in production.
2
L9679BB
Safing
engine
The safing records associated with CS_RS validate and process
data with matching request/response masks even if these are not
coming from CS_RS frames but from frames sniffed on
SAF_CSx.
This may lead to issues when expansion chip is used and
CS_RS frames sent on expansion are sniffed by SAF_CSx at
SBC side; the SBC fails to check its own CS_RS and therefore
all RSUs safing records CC with matching request/response
masks of expansion RSUs safing records will be updated upon
the processing of the expansion RSU SPI data.
Workaround: use two different values for WID SPI bit when
addressing CS_RS at SBC (ie WID=1) and expansion (WID=0)
side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More