データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9950XP データシート(PDF) 36 Page - STMicroelectronics

部品番号 L9950XP
部品情報  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950XP データシート(HTML) 36 Page - STMicroelectronics

Back Button L9950XP Datasheet HTML 31Page - STMicroelectronics L9950XP Datasheet HTML 32Page - STMicroelectronics L9950XP Datasheet HTML 33Page - STMicroelectronics L9950XP Datasheet HTML 34Page - STMicroelectronics L9950XP Datasheet HTML 35Page - STMicroelectronics L9950XP Datasheet HTML 36Page - STMicroelectronics L9950XP Datasheet HTML 37Page - STMicroelectronics L9950XP Datasheet HTML 38Page - STMicroelectronics L9950XP Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Package and packing information
L9950 - L9950XP
36/39
Doc ID 10311 Rev 11
Figure 14.
PowerSO-36 tape and reel shipment (suffix “TR”)
REEL DIMENSIONS
Base qty
600
Bulk qty
600
A (max)
330
B (min)
1.5
C (±0.2)
13
D (min)
20.2
G (+2 / -0)
24.4
N (min)
60
T (max)
30.4
TAPE DIMENSIONS
All dimensions are in mm.
A0
15.20 ± 0.1
B0
16.60 ± 0.1
K0
3.90 ± 0.1
K1
3.50 ± 0.1
F
11.50 ± 0.1
P1
24.00 ± 0.1
W
24.00 ± 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39