| データシートサーチシステム |
|
L9950XPTR データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9950XPTR データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 39 page ![]() Functional description of the SPI L9950 - L9950XP 28/39 Doc ID 10311 Rev 11 17 OUT11 – HS on/off If a bit is set the selected output driver is switched on. If the corresponding PWM enable bit is set (Input Register 1) the driver is only activated if PWM1 (PWM2) input signal is high. The outputs of OUT1-OUT6 are half bridges. If the bits of HS- and LS driver of the same half bridge are set, the internal logic prevents that both drivers of this output stage can be switched on simultaneously in order to avoid a high internal current from VS to GND. In test mode (CSN>7.5 V) this bit combinations are used to multiplex internal signals to the DO output. OUT11 – HS over-current In case of an over-current event the corresponding status bit is set and the output driver is disabled. If the over- current Recovery Enable bit is set (Input Register 1) the output will be automatically reactivated after a delay time resulting in a PWM modulated current with a programmable duty cycle (Bit 21). If the over-current recovery bit is not set the microcontroller has to clear the over-current bit (Reset Bit) to reactivate the output driver. 16 OUT10 – HS on/off OUT10 – HS over-current 15 OUT9 – HS on/off OUT9 – HS over-current 14 OUT8 – HS on/off OUT8 – HS over-current 13 OUT7 – HS on/off OUT7 – HS over-current 12 OUT6 – HS on/off OUT6 – HS over-current 11 OUT6 – LS on/off OUT6 – LS over-current 10 OUT5 – HS on/off OUT5 – HS over-current 9 OUT5 – LS on/off OUT5 – LS over-current 8 OUT4 – HS on/off OUT4 – HS over-current 7 OUT4 – LS on/off OUT4 – LS over-current 6 OUT3 – HS on/off OUT3 – HS over-current 5 OUT3 – LS on/off OUT3 – LS over-current 4 OUT2 – HS on/off OUT2 – HS over-current 3 OUT2 – LS on/off OUT2 – LS over-current 2 OUT1 – HS on/off OUT1 – HS over-current 1 OUT1 – LS on/off OUT1 – LS over-current 0 0 No error bit A logical NOR combination of all bits 1 to 22 in both status registers. Table 19. SPI - input data and status registers 0 (continued) Bit Input register 0 (write) Status register 0 (read) Name Comment Name Comment |