| データシートサーチシステム |
|
STA326 データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA326 データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 64 page ![]() DocID11531 Rev 9 27/64 STA326 Register description 64 For example, SAI = 1110 and SAIFB = 1 would specify right-justified 16-bit data, LSB-first. Table 18. Supported serial audio input formats BICKI SAI [3:0] SAIFB Interface format 32 * fs 1100 X I2S 15-bit data 1110 X Left/right justified 16-bit data 48 * fs 0100 X I2S 23-bit data 0100 X I2S 20-bit data 1000 X I2S 18-bit data 0100 0 MSB first I2S 16-bit data 1100 1 LSB first I2S 16-bit data 0001 X Left-justified 24-bit data 0101 X Left-justified 20-bit data 1001 X Left-justified 18-bit data 1101 X Left-justified 16-bit data 0010 X Right-justified 24-bit data 0110 X Right-justified 20-bit data 1010 X Right-justified 18-bit data 1110 X Right-justified 16-bit data 64 * fs 0000 X I2S 24-bit data 0100 X I2S 20-bit data 1000 X I2S 18-bit data 0000 0 MSB first I2S 16-bit data 1100 1 LSB first I2S 16-bit data 0001 X Left-justified 24-bit data 0101 X Left-justified 20-bit data 1001 X Left-justified 18-bit data 1101 X Left-justified 16-bit data 0010 X Right-justified 24-bit data 0110 X Right-justified 20-bit data 1010 X Right-justified 18-bit data 1110 X Right-justified 16-bit data Obsolete Product(s) - Obsolete Product(s) |