データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN7004SLH データシート(PDF) 20 Page - STMicroelectronics

部品番号 VN7004SLH
部品情報  High-side driver with CurrentSense analog feedback for automotive seat heating systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004SLH データシート(HTML) 20 Page - STMicroelectronics

Back Button VN7004SLH Datasheet HTML 16Page - STMicroelectronics VN7004SLH Datasheet HTML 17Page - STMicroelectronics VN7004SLH Datasheet HTML 18Page - STMicroelectronics VN7004SLH Datasheet HTML 19Page - STMicroelectronics VN7004SLH Datasheet HTML 20Page - STMicroelectronics VN7004SLH Datasheet HTML 21Page - STMicroelectronics VN7004SLH Datasheet HTML 22Page - STMicroelectronics VN7004SLH Datasheet HTML 23Page - STMicroelectronics VN7004SLH Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
4.4.1
Principle of CurrentSense signal generation
Figure 31. CurrentSense block diagram
INPUT
Vcc
OUT
To uC ADC
RPROT
RSENSE
Main MOS
Sense MOS
Fault
CS
Current sense Switch Block
Current sense
GAPG2307131200CFT
Current sense
This output is capable of providing:
•
Current mirror proportional to the load current in normal operation, delivering current proportional to
the load according to a known ratio named K
•
Diagnostics flag in fault conditions delivering fixed voltage VSENSEH
The current delivered by the current sense circuit, ISENSE, can be easily converted to a voltage VSENSE by using
an external sense resistor, RSENSE, allowing continuous load monitoring and abnormal condition detection.
Normal operation (channel ON, no fault)
While the device is operating in normal conditions (no fault intervention), VSENSE calculation can be done using
simple equations
Current provided by CurrentSense output: ISENSE = IOUT/K
Voltage on RSENSE: VSENSE = RSENSE ∙ ISENSE = RSENSE ∙ IOUT/K
Where :
•
VSENSE is the voltage measurable on RSENSE resistor
•
ISENSE is the current provided from the CS pin in current output mode
•
IOUT is the current flowing through output
•
K factor represents the ratio between PowerMOS cells and SenseMOS cells; its spread includes geometric
factor spread, current sense amplifier offset and process parameters spread of the overall circuitry
specifying the ratio between IOUT and ISENSE.
Failure flag indication
In case of power limitation/overtemperature, the fault is indicated by the CS pin which is switched to a “current
limited” voltage source, VSENSEH.
In any case, the current sourced by the CS in this condition is limited to ISENSEH.
VN7004SLH
CS - analog current sense
DS13681 - Rev 2
page 20/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35