データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN7007ALH データシート(PDF) 13 Page - STMicroelectronics

部品番号 VN7007ALH
部品情報  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007ALH データシート(HTML) 13 Page - STMicroelectronics

Back Button VN7007ALH Datasheet HTML 9Page - STMicroelectronics VN7007ALH Datasheet HTML 10Page - STMicroelectronics VN7007ALH Datasheet HTML 11Page - STMicroelectronics VN7007ALH Datasheet HTML 12Page - STMicroelectronics VN7007ALH Datasheet HTML 13Page - STMicroelectronics VN7007ALH Datasheet HTML 14Page - STMicroelectronics VN7007ALH Datasheet HTML 15Page - STMicroelectronics VN7007ALH Datasheet HTML 16Page - STMicroelectronics VN7007ALH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VN7007ALH
Electrical specification
DocID027958 Rev 2
13/36
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tD_VOL
OFF-state diagnostic
delay time from rising
edge of VOUT
VIN = 0 V; VFR_DIAG = 5 V;
VOUT = 0 V to 4 V
5
30
µs
Fault diagnostic feedback (see Table 11: "Truth table")
VSENSEH
CurrentSense output
voltage in fault condition
VCC = 13 V; VIN = 0 V;
VFR_DIAG = 5 V; IOUT = 0 A;
VOUT = 4 V; RSENSE = 1
kΩ
5
6.6
V
ISENSEH
CurrentSense output
current in fault condition
VCC = 13 V; VSENSE = 5 V
7
20
30
mA
CurrentSense timings (current sense mode)
tDSENSE2H
Current sense settling
time from rising edge of
INPUT
VIN = 0 V to 5 V;
VFR_DIAG = 5 V;
RSENSE = 1
kΩ; RL = 2.2 Ω
100
300
µs
DtDSENSE2H
Current sense settling
time from rising edge of
IOUT (dynamic response
to a step change of IOUT)
VIN = 5 V; VFR_DIAG = 5 V;
RSENSE = 1
kΩ;
ISENSE = 90 % of ISENSEMAX;
RL = 2.2
Ω
200
µs
tDSENSE2L
Current sense turn-off
delay time from falling
edge of INPUT
VIN = 5 V to 0 V;
VFR_DIAG = 5 V;
RSENSE = 1
kΩ; RL = 2.2 Ω
50
250
µs
Notes:
(1)Parameter guaranteed by design and characterization; not subject to production test.
(2)All values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
Figure 4: Switching times and Pulse skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36