| データシートサーチシステム |
|
EX4100-F-ETHERNET データシート(PDF) 12 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
EX4100-F-ETHERNET データシート(HTML) 12 Page - Juniper Networks, Inc. |
|
12 / 16 page ![]() • RFC 2526 Reserved IPv6 Subnet Anycast Addresses • RFC 2597 DiffServ Assured Forwarding (AF) • RFC 2598 DiffServ Expedited Forwarding (EF) • RFC 2740 OSPF for IPv6 • RFC 2925 MIB for Remote Ping, Trace • RFC 3176 sFlow • RFC 3376 IGMP v3 • RFC 3484 Default Address Selection for Internet Protocol Version 6 (IPv6) • RFC 3513 Internet Protocol Version 6 (IPv6) Addressing Architecture • RFC 3569 draft-ietf-ssm-arch-06.txt PIM-SSM PIM Source Specific Multicast • RFC 3579 RADIUS EAP support for 802.1x • RFC 6614 RadSec • RFC 3618 Multicast Source Discovery Protocol (MSDP) • RFC 3623 OSPF Graceful Restart • RFC 4213 Basic Transition Mechanisms for IPv6 Hosts and Routers • RFC 4291 IPv6 Addressing Architecture • RFC 4443 ICMPv6 for the IPv6 Specification • RFC 4541 IBMP and MLD snooping services • RFC 4552 OSPFv3 Authentication • RFC 4861 Neighbor Discovery for IPv6 • RFC 4862 IPv6 Stateless Address Autoconfiguration • RFC 4915 MT-OSPF • RFC 5095 Deprecation of Type 0 Routing Headers • RFC 5176 Dynamic Authorization Extensions to RADIUS • RFC 5798 VRRPv3 for IPv6 • Draft-ietf-bfd-base-05.txt Bidirectional Forwarding Detection • Draft-ietf-idr-restart-10.txt Graceful Restart Mechanism • Draft-ietf-isis-restart-02 Restart Signaling for IS-IS • Draft-ietf-isis-wg-multi-topology-11 Multi Topology (MT) Routing in IS-IS for BGP • Internet draft-ietf-isis-ipv6-06.txt, Routing IPv6 with IS-IS • LLDP Media Endpoint Discovery (LLDP-MED), ANSI/ TIA-1057, draft 08 • PIM-DM Draft IETF PIM Dense Mode draft-ietf-idmr- pimdm-05.txt, draft-ietf-pim-dm-new-v2-04.txt Supported MIBs • RFC 1155 SMI • RFC 1157 SNMPv1 • RFC 1212, RFC 1213, RFC 1215 MIB-II, Ethernet-Like MIB and TRAPs • RFC 1493 Bridge MIB • RFC 1643 Ethernet MIB • RFC 1657 BGP-4 MIB • RFC 1724 RIPv2 MIB • RFC 1850 OSPFv2 MIB • RFC 1905 RFC 1907 SNMP v2c, SMIv2 and Revised MIB-II • RFC 2011 SNMPv2 for Internet Protocol using SMIv2 • RFC 2012 SNMPv2 for transmission control protocol using SMIv2 • RFC 2013 SNMPv2 for user datagram protocol suing SMIv2 • RFC 2096 IPv4 Forwarding Table MIB • RFC 2287 System Application Packages MIB • RFC 2570–2575 SNMPv3, user based security, encryption, and authentication • RFC 2576 Coexistence between SNMP Version 1, Version 2, and Version 3 • RFC 2578 SNMP Structure of Management Information MIB • RFC 2579 SNMP Textual Conventions for SMIv2 • RFC 2665 Ethernet-like interface MIB • RFC 2787 VRRP MIB • RFC 2819 RMON MIB • RFC 2863 Interface Group MIB • RFC 2863 Interface MIB • RFC 2922 LLDP MIB • RFC 2925 Ping/Traceroute MIB • RFC 2932 IPv4 Multicast MIB • RFC 3413 SNMP Application MIB • RFC 3414 User-based Security model for SNMPv3 • RFC 3415 View-based Access Control Model for SNMP • RFC 3621 PoE-MIB (PoE switches only) • RFC 4188 STP and Extensions MIB • RFC 4363 Definitions of Managed Objects for Bridges with Traffic Classes, Multicast Filtering, and VLAN extensions • RFC 5643 OSPF v3 MIB support • Draft – blumenthal – aes – usm - 08 • Draft – reeder - snmpv3 – usm - 3desede -00 • Draft-ietf-bfd-mib-02.txt • Draft-ietf-idmr-igmp-mib-13 • Draft-ietf-idmr-pim-mib-09 • Draft-ietf-idr-bgp4-mibv2-02.txt – Enhanced BGP-4 MIB • Draft-ietf-isis-wg-mib-07 Troubleshooting • Debugging: CLI via console, Telnet, or SSH • Diagnostics: Show and debug command, statistics • Traffic mirroring (port) • Traffic mirroring (VLAN) • IP tools: Extended ping and trace • Juniper Networks commit and rollback EX4100-F Line of Ethernet Switches Datasheet 12 |