| データシートサーチシステム |
|
33E511 データシート(PDF) 7 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
33E511 データシート(HTML) 7 Page - Elma Electronic Ltd |
|
7 / 16 page ![]() www.elma.com 03|21 7|16 Gehäusedeckel Dichtungsschlauch (Silikon) Dichtung (selbstklebend) Scheibe Blechschraube (Drehmoment: 0,70-0,75Nm) Rahmen Dichtungsfrontplatte Gehäuse B C D A R5 DESIGN AND COMPACT CASE GUARDBOX 33 DATASHEET Product structure REPLACEMENT SEALS IP54 / EMC ■ Foamed plastic conductive PET-PU black, UL94 V-0 ■ Self-adhesive seals REPLACEMENT SEALS IP65 ■ Foamed plastic PCV gray, UL94 V-0 ■ Self-adhesive seals Enclosure Part No. 0 33-510 1 33-511 2 33-512 3 33-513 4 33-514 Enclosure Part No. 0 33E510 1 33E511 2 33E512 3 33E513 4 33E514 Enclosure A B C D E F G H mm inch mm inch mm inch mm inch mm inch mm inch mm inch mm inch 0 149 5.86 130 5.11 137 5.39 138 5.43 64.5 2.53 35 1.37 52.5 2.06 R6.5 0.25 1 149 5.86 130 5.11 137 5.39 138 5.43 81 3.18 51.5 2.02 69 2.71 R6.5 0.25 2 250 9.84 231 9.09 239 9.40 239 9.40 64.5 2.53 35 1.37 52.5 2.06 R7 0.27 3 251 9.88 231 9.09 239 9.40 240 9.44 98 3.85 69 2.71 86 3.38 R7 0.27 4 204 8.03 184 7.24 191 7.51 193 7.59 120.5 4.74 91 3.58 108.5 4.27 R7.5 0.29 5 249.5 9.82 231 9.09 239 9.40 239 9.40 50 1.96 21 0.82 38 1.49 R7 0.27 Sealing front panel Frame Enclosure Enclosure cover Sealing hose (silicone) Seal (self-adhesive) Tapping screw (torque: 0.7 - 0.75 NM) Washer |