| データシートサーチシステム |
|
SN54AHCT240 データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54AHCT240 データシート(HTML) 7 Page - Texas Instruments |
|
7 / 16 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-Jul-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant CAHCT240IPWRG4Q1 TSSOP PW 20 2000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 CAHCT240QWRKSRQ1 VQFN RKS 20 3000 180.0 12.4 2.8 4.8 1.2 4.0 12.0 Q1 SN74AHCT240QDGSRQ1 VSSOP DGS 20 5000 330.0 16.4 5.4 5.4 1.45 8.0 16.0 Q1 SN74AHCT240QPWRQ1 TSSOP PW 20 3000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 Pack Materials-Page 1 |