| データシートサーチシステム |
|
JRR200-ROUTE-REFLECTOR データシート(PDF) 1 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
JRR200-ROUTE-REFLECTOR データシート(HTML) 1 Page - Juniper Networks, Inc. |
|
1 / 4 page ![]() Data Sheet 1 JRR200 ROUTE REFLECTOR Product Description Juniper Networks® JRR200 Route Reflector Appliance is an application-based route reflector that provides the necessary routing scale for service providers, data center providers, and enterprise customers requiring large routing tables on a platform that offers 10GbE connectivity in a space- and power-optimized package. The JRR200 Appliance offers operational and management simplicity with VRR software integrated on the host hardware platform, eliminating the need to choose customized servers and hypervisor software. This combination also does away with the need to maintain separate support based on hardware and software issues. The compact JRR200 offers tremendous scale-out and efficiency for space- and power-constrained environments, allowing customers to simplify network designs and significantly reduce OpEx to support a broad range of use cases, including cloud services, distributed metro, and data center. The JRR200 is powered by the Juniper Networks Junos® operating system and offers Zero-Touch Provisioning (ZTP), shortening the provisioning time for new deployments and allowing operators to quickly move on to other tasks. By leveraging Junos OS, the appliance inherits the rich native BGP functionality found on all Junos OS-powered routers and switches. Operators can also take advantage of native Junos OS automation and management toolkits to easily integrate into any existing framework or environment, delivering further operational simplicity. Software vRR Total onboard ports (1GbE/10GbE) 8 SFP+ transceiver ports (1GbE/10GbE) 8 Dedicated high availability (HA) ports 1GbE/10GbE (SFP/SFP+) 2 10/100/1000BASE-T RJ-45 management port 1 RJ-45 console port 1 USB 2.0 port (Type A) 2 Figure 1: JRR200 Route Reflector Appliance hardware overview Product Overview Traffic growth, driven by 5G, multicloud, and IoT connections, is straining enterprise and service provider networks. Juniper’s secure and automated cloud lets service providers quickly react to evolving market conditions and accelerate service delivery with world-class products and innovative architectural components. The JRR200 Route Reflector Appliance is part of this solution. Powered by Junos OS, the JRR200 is a small form-factor route reflector that delivers high performance and scale for demanding BGP networks, helping service providers achieve operational simplicity by removing complex qualification and integration tasks found with pure virtual route reflector (VRR) solutions. OOB Mgt. Port 2 x USB Management RJ-45 2 x HA Ports 4 x 10GbE Ports 4 x 10GbE Ports |
同様の説明 - JRR200-ROUTE-REFLECTOR |