データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPS2161STR データシート(PDF) 9 Page - STMicroelectronics

部品番号 STMPS2161STR
部品情報  Enhanced single channel power switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2161STR データシート(HTML) 9 Page - STMicroelectronics

Back Button STMPS2161STR Datasheet HTML 5Page - STMicroelectronics STMPS2161STR Datasheet HTML 6Page - STMicroelectronics STMPS2161STR Datasheet HTML 7Page - STMicroelectronics STMPS2161STR Datasheet HTML 8Page - STMicroelectronics STMPS2161STR Datasheet HTML 9Page - STMicroelectronics STMPS2161STR Datasheet HTML 10Page - STMicroelectronics STMPS2161STR Datasheet HTML 11Page - STMicroelectronics STMPS2161STR Datasheet HTML 12Page - STMicroelectronics STMPS2161STR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
STMPS2141, STMPS2151, STMPS2161, STMPS2171
Functional description
9/30
3.4
Reversed current blocking
When the switch is OFF, or when the STMPS device is un-powered (VCC = 0V), the switch
behaves as an Hi-Z at the output pin, ensuring that no reverse current will flow into the
device.
Note:
In the case where the switch is ON, and a voltage higher than VIN is applied to the OUT pin,
a reverse current occurs. This operating condition is not allowed.
3.5
UVLO
When input voltage drops below critical value, the power switch turns off to prevent improper
operation due to low voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30