データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L5963 データシート(PDF) 10 Page - STMicroelectronics

部品番号 L5963
部品情報  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 データシート(HTML) 10 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 6Page - STMicroelectronics L5963 Datasheet HTML 7Page - STMicroelectronics L5963 Datasheet HTML 8Page - STMicroelectronics L5963 Datasheet HTML 9Page - STMicroelectronics L5963 Datasheet HTML 10Page - STMicroelectronics L5963 Datasheet HTML 11Page - STMicroelectronics L5963 Datasheet HTML 12Page - STMicroelectronics L5963 Datasheet HTML 13Page - STMicroelectronics L5963 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Pins description
L5963
10/49
DocID028553 Rev 3
4
Pins description
Figure 4. PowerSSO-36 pinout configuration
Table 2. PowerSSO-36 pins description
Pin #
Name
Type
Function
1
TAB
n.a.
Device slug terminal. To be connected to ground
2
PGND1
Ground
Switching regulator 1 power ground
3
ENSW1
Input
Switching regulator 1 enable. 1.8/3.3 V compatible
4
BS1
Supply
Switching regulator 1 boosted supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49