データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9300 データシート(PDF) 135 Page - STMicroelectronics

部品番号 L9300
部品情報  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 データシート(HTML) 135 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 131Page - STMicroelectronics L9300 Datasheet HTML 132Page - STMicroelectronics L9300 Datasheet HTML 133Page - STMicroelectronics L9300 Datasheet HTML 134Page - STMicroelectronics L9300 Datasheet HTML 135Page - STMicroelectronics L9300 Datasheet HTML 136Page - STMicroelectronics L9300 Datasheet HTML 137Page - STMicroelectronics L9300 Datasheet HTML 138Page - STMicroelectronics L9300 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 178 page
background image
SOLENDRV
Solenoid Driver
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
RW
RW
RW
RW
Address:
GLOBAL_BaseAddress + 0x01
Type:
RW
Reset:
0b0000 0000 0000 0000 0000
Description:
SOLENDRV packs solenoid driver enable configuration
Solenoid DriverStatus_x configuration is effective when the related channel is activated (SERVENA.Solenoid Channel
Enable_x = 1).
[19:12] unused
[11:0] Solenoid DriverStatus [5:0]: 6 time repeated two bit field, two bits for each channel.
[0]: FULL_ON
0: PWM Mode
1: Full On Mode
[1]: DRVENA
0: Tristate
1: Active
Reset events: VB_UV, GND_LOSS, VB_OV, POR, RES1, HS/LS_OVC (SW_cntr=0 or SW_cntr=1 and OVC_R=0),
T_SD, CP_UV, LS clamp active
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 135/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More