データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9301 データシート(PDF) 49 Page - STMicroelectronics

部品番号 L9301
部品情報  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 データシート(HTML) 49 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics L9301 Datasheet HTML 48Page - STMicroelectronics L9301 Datasheet HTML 49Page - STMicroelectronics L9301 Datasheet HTML 50Page - STMicroelectronics L9301 Datasheet HTML 51Page - STMicroelectronics L9301 Datasheet HTML 52Page - STMicroelectronics L9301 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
DS11400 Rev 9
49/54
L9301
Package information
53
14
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
14.1
PowerSSO-36 (exposed pad) package information
Figure 14. PowerSSO-36 (exposed pad) package outline
7587131_I_EH
b1
c1
c
(b)
BASE METAL
WITH PLATING
H
E2
D1
ggg
C A-B D
ggg
CA-B D
GAUGE PLANE
L2
S
2
L1
L
B
B
h
h
1
1
E4
D3
A
A2
A1
e
b
ddd
CD
ccc C
SEATING PLANE
// eee C
D
f f f C A-B
2x
A
E
D
bbb C
2x N/2 TIPS
E1
A
A
N
N/2
1 2 3
B
aaa CD
2x
E3
D2
index area
(0.25D x 0.75E1)
pin 1 indicator
R
R1
G1x2
G3
G3
G3
G2
Bottom view
Top view
GAPGPS03424
Section A-A
Section B-B
(see Section A-A)
(see Section B-B)
M
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54