データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9362 データシート(PDF) 12 Page - STMicroelectronics

部品番号 L9362
部品情報  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362 データシート(HTML) 12 Page - STMicroelectronics

Back Button L9362 Datasheet HTML 8Page - STMicroelectronics L9362 Datasheet HTML 9Page - STMicroelectronics L9362 Datasheet HTML 10Page - STMicroelectronics L9362 Datasheet HTML 11Page - STMicroelectronics L9362 Datasheet HTML 12Page - STMicroelectronics L9362 Datasheet HTML 13Page - STMicroelectronics L9362 Datasheet HTML 14Page - STMicroelectronics L9362 Datasheet HTML 15Page - STMicroelectronics L9362 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
L9362
12/17
Figure 8. Max Clamp Energy Specification
Figure 9. Tratio of Current Feedback output versus output current
0
200
400
600
800
1000
0.0
2.0
4.0
6.0
8.0
10.0
Pulse width/[ms]
Temp=25˚C
Temp=150˚C
1.30e-03
1.35e-03
1.40e-03
1.45e-03
1.50e-03
1.55e-03
1.60e-03
1.65e-03
1.70e-03
1.75e-03
1.80e-03
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IOUT/[A]
Temp=-40˚C
Temp=-20˚C
Temp=25˚C
Temp=70˚C
Temp=150˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17