データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9408FDIETR データシート(PDF) 10 Page - STMicroelectronics

部品番号 L9408FDIETR
部品情報  Automotive multifunction smart alternator regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9408FDIETR データシート(HTML) 10 Page - STMicroelectronics

Back Button L9408FDIETR Datasheet HTML 6Page - STMicroelectronics L9408FDIETR Datasheet HTML 7Page - STMicroelectronics L9408FDIETR Datasheet HTML 8Page - STMicroelectronics L9408FDIETR Datasheet HTML 9Page - STMicroelectronics L9408FDIETR Datasheet HTML 10Page - STMicroelectronics L9408FDIETR Datasheet HTML 11Page - STMicroelectronics L9408FDIETR Datasheet HTML 12Page - STMicroelectronics L9408FDIETR Datasheet HTML 13Page - STMicroelectronics L9408FDIETR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Electrical specifications
L9408F
10/14
DocID029462 Rev 1
Figure 3. Thermal compensation diagram (Vreg, standard version)
Figure 4. Load transient example
Table 5. Thermal compensation (Vreg, standard version)
Temperature [°C]
Vreg
Min. [V]
Typ. [V]
Max. [V]
-40
14.43
14.645
14.86
25
14.30
14.45
14.60
125
13.90
14.15
14.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14