| データシートサーチシステム |
|
L9524C データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9524C データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 27 page ![]() Pins description L9524C 6/27 2 Pins description Figure 2. Pin connection (top view) Table 2. Pins description Pins # Name Function 1 SP1 Positive sense input, glow plug 1 2 G1 Driver output for external high-side power MOSFET, transistor 1 3 SN1 Negative sense input, glow plug 1 4 SP2 Positive sense input, glow plugs 2 and 5 5 G2 Driver output for external high-side power MOSFET, transistor 2 6 SN5 Negative sense input, glow plug 5 7 SN2 Negative sense input, glow plug 2 8 BAT Battery voltage input 9 DO Diagnostic output 10 VS Supply voltage input 11 CP Charge pump output 12 OCT Overcurrent threshold setting 13 IO Transistor mode: input for selection of power regulation feature Relay mode: output to control external relay driver 14 CUR Power MOSFET gate charge/discharge current setting 15 MS Mode selection input: transistor modes (transistor sense / shunt sense) / relay mode 16 GND Ground pin 17 CI Control input 18 SN4 Negative sense input, glow plug 4 19 SN6 Negative sense input, glow plug 6 20 G4 Driver output for external high-side power MOSFET, transistor 4 21 SP4 Positive sense input, glow plugs 4 and 6 22 SN3 Negative sense input, glow plug 3 23 G3 Driver output for external high-side power MOSFET, transistor 3 24 SP3 Positive sense input, glow plug 3 SP1 G1 SN1 SP2 G2 SN2 SN5 BAT DO GND CI SN4 G4 SN6 SP4 SN3 G3 SP3 1 3 2 4 5 6 7 8 9 22 21 20 19 18 16 17 15 23 10 24 VS MS SO24 CP CUR 11 14 13 12 OCT IO |