データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9663 データシート(PDF) 7 Page - STMicroelectronics

部品番号 L9663
部品情報  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 データシート(HTML) 7 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 3Page - STMicroelectronics L9663 Datasheet HTML 4Page - STMicroelectronics L9663 Datasheet HTML 5Page - STMicroelectronics L9663 Datasheet HTML 6Page - STMicroelectronics L9663 Datasheet HTML 7Page - STMicroelectronics L9663 Datasheet HTML 8Page - STMicroelectronics L9663 Datasheet HTML 9Page - STMicroelectronics L9663 Datasheet HTML 10Page - STMicroelectronics L9663 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
DS11401 Rev 6
7/106
L9663
Overall description
105
1.2
Main functionality
The transceiver IC can be used in two different modes (Mode 1 or Mode 2)(a) . The system
configuration called Mode 1 performs the decoding effort of sensor signals in the IC. The
system configuration called Mode 2 is a front-end to a PSI5 decoder contained in an
external device (typically a µC with a dedicated module).
The transceiver IC can monitor all internally generated relevant voltages, such as VSYNCx
VAS and V_PSIx.
The PSI5 interfaces inside the IC are supplied by a separate input pin VAS. If only
asynchronous mode is required, the VAS voltage is sufficient for the sensor power supply.
When synchronous mode is required, a higher voltage than VAS is needed in order to
generate the synchronous pulses. This voltage VSYNCx is generated by a dedicated
bootstrap circuit for each channel.
For direct supply from battery, the transceiver IC includes a VAS pre-regulator supplied by
VASSUP-pin: the pre-regulator can drive an external FET to regulate the VAS voltage to
7.6 V or 5.3 V. In case of low voltage level at VASSUP, an integrated charge pump is
implemented, with supply from VASSUP.
The internal analog and digital circuits are supplied by VB. The external voltage on VDD pin
is used to supply the digital output pins; VDD pin can be used to switch the digital outputs
from 5 V output level (default) to 3.3 V output level.
The PSI5 transceiver is functional in the whole VDD, VB, VASSUP and VAS power supply
range.
The internal voltage supplies (VSYNCx) are automatically activated by the transceiver IC
depending on the operating mode whenever they are needed.
Each transceiver interface can be activated and deactivated by an SPI command. At start-
up, the interfaces are off by default.
The communication interface block includes two different interfaces. In mode 1, SPI is used
for data transfer. In mode 2, the direct interface is used. The data from and to the sensors
will be transmitted bit-wise between the transceiver IC and the µC. The data evaluation and
error handling for frame errors will be done in the PSI5 controller which is integrated in the
µC.
Transceiver 1 and 2 supply the sensors and generate the synchronous pulses for
synchronous data transfer (if required) from the sensors to the transceiver and for data
transfer from the ECU to the sensors.
A data transfer from the ECU to the sensors can be performed:
by using sync pulses with different duration (PSI5 2.x standard)
by masking of sync pulses (PSI5 1.3 and 2.x standard)
The sync pulse trigger can be generated by an SPI command, by a dedicated pin (for
connection to the Synchronous Pulse Output Block included in the microcontroller) or by an
integrated automatic timer.
a. Mode 1 and Mode 2 are two system architectures which relate on the way L9663 communicates with the
microcontroller. Depending on the chosen architecture, the µC must configure the IC with the correct setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com