データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC16C852LIB データシート(PDF) 53 Page - NXP Semiconductors

部品番号 SC16C852LIB
部品情報  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB データシート(HTML) 53 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 49Page - NXP Semiconductors SC16C852LIB Datasheet HTML 50Page - NXP Semiconductors SC16C852LIB Datasheet HTML 51Page - NXP Semiconductors SC16C852LIB Datasheet HTML 52Page - NXP Semiconductors SC16C852LIB Datasheet HTML 53Page - NXP Semiconductors SC16C852LIB Datasheet HTML 54Page - NXP Semiconductors SC16C852LIB Datasheet HTML 55Page - NXP Semiconductors SC16C852LIB Datasheet HTML 56Page - NXP Semiconductors SC16C852LIB Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
53 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
Fig 28. Transmit ready timing in FIFO mode (DMA mode ‘1’) in 16 mode
D0
D1
D2
D3
D4
D5
D6
D7
002aac615
stop
bit
parity
bit
td(IOW-TXRDYH)
TXA, TXB
IOW
D0 to D7
start
bit
data bits (0 to 7)
byte #32
or byte #128
TXRDYA, TXRDYB
td(start-TXRDY)
FIFO full
active
5 data bits
6 data bits
7 data bits
Fig 29. Transmit ready timing in FIFO mode (DMA mode ‘1’) in 68 mode
D0
D1
D2
D3
D4
D5
D6
D7
002aac624
stop
bit
parity
bit
td(CS-TXRDYH)W
TXA,
TXB
CS (write)
D0 to D7
start
bit
data bits (0 to 7)
byte #32 or
byte #128
TXRDYA, TXRDYB
td(start-TXRDY)
trigger
lead
active
5 data bits
6 data bits
7 data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63