データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GQM1555G2DR10WB01 データシート(PDF) 14 Page - Murata Manufacturing Co., Ltd

部品番号 GQM1555G2DR10WB01
部品情報  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA1 [Murata Manufacturing Co., Ltd]
ホームページ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555G2DR10WB01 データシート(HTML) 14 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555G2DR10WB01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
6. Capacitance Aging
1. The high dielectric constant type capacitors have an Aging characteristic in which the capacitance value decreases with the passage of time.
  When you use a high dielectric constant type capacitors in a circuit that needs a tight (narrow) capacitance tolerance (e.g., a time-constant circuit),
  please carefully consider the characteristics of these capacitors, such as their aging, voltage, and temperature characteristics.
  In addition, check capacitors using your actual appliances at the intended environment and operating conditions.
7. Vibration and Shock
1. Please confirm the kind of vibration and/or shock, its condition, and any generation of resonance.
  Please mount the capacitor so as not to generate resonance, and do not allow any impact on the terminals.
2. Mechanical shock due to being dropped may cause damage or a crack in the dielectric material of the capacitor.
  Do not use a dropped capacitor because the quality and reliability may be deteriorated.
3. When printed circuit boards are piled up or handled, the corner of another printed circuit board
  should not be allowed to hit the capacitor in order to avoid a crack or other damage to the capacitor.
GQM1555G2DR10WB01-01A
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32