データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9935 データシート(PDF) 22 Page - STMicroelectronics

部品番号 L9935
部品情報  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 データシート(HTML) 22 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics L9935 Datasheet HTML 20Page - STMicroelectronics L9935 Datasheet HTML 21Page - STMicroelectronics L9935 Datasheet HTML 22Page - STMicroelectronics L9935 Datasheet HTML 23Page - STMicroelectronics L9935 Datasheet HTML 24Page - STMicroelectronics L9935 Datasheet HTML 25Page - STMicroelectronics L9935 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Functional description
L9935
22/29
Doc ID 5198 Rev 10
5.15
Cascading several devices
Cascading several devices can be done using the SDO output to pass data to the next
device. The whole frame now consists of n byte. n is the number of devices used.
Figure 10.
Cascading several stepper motor drivers
Figure 11.
Control sequence for 3 Stepper motor drivers
Figure 12.
Paralleling several devices
Here usually only one stepper motor driver is selected at a time while all others are
deselected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29