| データシートサーチシステム |
|
L9952GXPTR データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9952GXPTR データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 68 page ![]() Package and packing information L9952GXP 64/68 Doc ID 13518 Rev 6 9 Package and packing information 9.1 ECOPACK® packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 9.2 PowerSSO-36 package information Figure 20. PowerSSO-36 package dimensions Table 60. PowerSSO-36 mechanical data Symbol Millimeters Min. Typ. Max. A- - 2.45 A2 2.15 - 2.35 a1 0 - 0.1 b 0.18 - 0.36 c 0.23 - 0.32 |