| データシートサーチシステム |
|
L9965P-FP データシート(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FP データシート(HTML) 72 Page - STMicroelectronics |
|
72 / 104 page ![]() Table 60. INTERNAL_STATUS - 0x10 Field name Type Bit offset Bit width Reset value Reset sources Description SPI_WAKEUP RO 9 1 0x0 nPOR_MAIN 1 = Wake-up from SPI FENX_WAKEUP RO 8 1 0x0 nPOR_MAIN 1 = Wake-up from FENH or FENL CWUP_WAKEUP RO 7 1 0x0 nPOR_MAIN 1 = Wake-up from CWUP PGND_LOSS CR 6 1 0x0 nPOR_MAIN 0 = PGND_LOSS not set 1 = PGND_LOSS set NPOR_SLEEP_EVENT CR 5 1 0x1 nPOR_MAIN 0 = NPOR_SLEEP_EVENT not set 1 = NPOR_SLEEP_EVENT set OSCI_FAIL CR 4 1 0x0 nPOR_MAIN 0 = OSCI good 1 = OSCI fails BIAS_WARNING CR 3 1 0x0 nPOR_MAIN 0 = Bias good 1 = Bias fails V3V3_SLEEP_UV CR 2 1 0x0 nPOR_MAIN 0 = V3V3_SLEEP above UV threshold 1 = V3V3_SLEEP below UV threshold V3V3_SLEEP_OV CR 1 1 0x0 nPOR_MAIN 0 = V3V3_SLEEP below OV threshold 1 = V3V3_SLEEP above OV threshold ABIST_FAIL CR 0 1 0x0 nPOR_MAIN 0 = ABIST good 1 = ABIST fails Table 61. SPI_STATUS - 0x11 Field name Type Bit offset Bit width Reset value Reset sources Description SPARE RW 5 5 0x0 nPOR_MAIN SPI_FRAME_SHORT CR 4 1 0x0 nPOR_MAIN 0 = SHORT_FRAME error not set 1 = SHORT_FRAME error set SPI_FRAME_LONG CR 3 1 0x0 nPOR_MAIN 0 = LONG_FRAME error not set 1 = LONG_FRAME error set SPI_CRC_ERROR CR 2 1 0x0 nPOR_MAIN 0 = CRC error not set 1 = CRC error set SPI_ADDRESS_ERROR CR 1 1 0x0 nPOR_MAIN 0 = ADDRESS error not set 1 = ADDRESS error set SPI_FRAME_ERROR CR 0 1 0x0 nPOR_MAIN 0 = No errors 1 = SPI error (OR of previous error bits) L9965P Functional description DS14702 - Rev 4 page 72/104 |