データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9969U データシート(PDF) 35 Page - STMicroelectronics

部品番号 L9969U
部品情報  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U データシート(HTML) 35 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 31Page - STMicroelectronics L9969U Datasheet HTML 32Page - STMicroelectronics L9969U Datasheet HTML 33Page - STMicroelectronics L9969U Datasheet HTML 34Page - STMicroelectronics L9969U Datasheet HTML 35Page - STMicroelectronics L9969U Datasheet HTML 36Page - STMicroelectronics L9969U Datasheet HTML 37Page - STMicroelectronics L9969U Datasheet HTML 38Page - STMicroelectronics L9969U Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Figure 22. Principle of the short circuit across load detection (OVC on LS1 when PWM = 1)
Device enabled and working: HS2 and LS1 are ON
OVC occurs on LS1
LS1 is immediately turned OFF (t_DF_off)
HS2 is turned OFF too after t_DF_del
Drivers are turned ON again after t_retest
OVC occurs on LS1?
LS1 is immediately turned OFF (t_DF_off)
HS2 is turned OFF too after t_DF_del
LS1 Driver is turned ON again after t_SC
With HS2 OFF
OVC occurs on LS1?
LS1 is immediately turned OFF (t_DF_off)
SCB is asserted on DIA1_REG
SCL is asserted on DIA1_REG
NO
YES
NO
YES
Attempt to restart
Short discrimination
L9969x
Functional description
DS14029 - Rev 6
page 35/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70