| データシートサーチシステム |
|
SPSB100 データシート(PDF) 159 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 データシート(HTML) 159 Page - STMicroelectronics |
|
159 / 213 page ![]() Table 194. DCR24 (0x18) description Bit Name Description 15 U_NVM_O_11 14 U_NVM_O_10 13 U_NVM_O_9 12 U_NVM_O_8 11 U_NVM_O_7 10 U_NVM_O_6 9 U_NVM_O_5 8 U_NVM_O_4 Table 195. DCR24 (0x18) LSB Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 - (R) - (R) - (R) - (R) - (R) - (R) - (R) - (R) U_NVM_O_3 U_NVM_O_2 U_NVM_O_1 U_NVM_O_0 CRC3 CRC2 CRC1 CRC0 User NVM O register bit 3 User NVM O register bit 2 User NVM O register bit 1 User NVM O register bit 0 Cyclic redundancy checking bit 3 Cyclic redundancy checking bit 2 Cyclic redundancy checking bit 1 Cyclic redundancy checking bit 0 Table 196. DCR24 (0x18) LSB description Bit Name Description 7 U_NVM_O_3 6 U_NVM_O_2 5 U_NVM_O_1 4 U_NVM_O_0 3 CRC 3 2 CRC 2 1 CRC 1 0 CRC 0 Table 197. DCR25 (0x19) MSB Bit 23 Bit 22 Bit 21 Bit 20 Bit 19 Bit 18 Bit 17 Bit 16 - (R0) - (R0) - (R0) - (R0) - (R) - (R) - (R) - (R) RES RES RES RES U_NVM_CRC1_7 U_NVM_CRC1_6 U_NVM_CRC1_5 U_NVM_CRC1_4 Reserved Reserved Reserved Reserved User NVM CRC1 bit 7 User NVM CRC1 bit 6 User NVM CRC1 bit 5 User NVM CRC1 bit 4 Table 198. DCR25 (0x19) MSB description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved SPSB100 SPI registers DS14640 - Rev 2 page 159/213 |