| データシートサーチシステム |
|
07R4513 データシート(PDF) 6 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
07R4513 データシート(HTML) 6 Page - Elma Electronic Ltd |
|
6 / 7 page ![]() www.elma.com 06|20 6|7 SELECTOR SWITCH 07R DATASHEET SWITCHING MODE FUNCTION (POLES X POSITIONS) PART NUMBER Shorting 1 x 4 07R3423 Non-shorting 1 x 4 07R3424 Shorting 1 x 5 (4 electrical positions) 07R3513 Non-shorting 1 x 5 (4 electrical positions) 07R3514 SWITCHING MODE FUNCTION (POLES X POSITIONS) PART NUMBER Shorting 1 x 4 07R2423 Non-shorting 1 x 4 07R2424 Shorting 1 x 5 (4 electrical positions) 07R2513 Non-shorting 1 x 5 (4 electrical positions) 07R2514 SWITCHING MODE FUNCTION (POLES X POSITIONS) PART NUMBER Shorting 1 x 4 07R3423-30000 Non-shorting 1 x 4 07R3424-30000 Shorting 1 x 5 (4 electrical positions) 07R3513-30000 Non-shorting 1 x 5 (4 electrical positions) 07R3514-30000 Screwdriver with bezel | front panel operation With shaft, with threaded bushing, IP68 ACCESSORIES AND SPARE PARTS Hex nut M6 x 0.75: Part number 4424-22 (50 pieces / bag), brass Slotted nut M6 x 0.75: Part number 4424-28 (50 pieces / bag), brass Part number 4424-31 (50 pieces / bag), stainless steel (cross slot) PACKAGING Foam polystyrene box: 50 or 200 pieces (depending on shipment quantity) 1 For other types | options see ordering code Ordering information STANDARD TYPES1 VERTICAL With shaft, without threaded bushing |