データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JUNIPER-SECURE-CONNECT データシート(PDF) 2 Page - Juniper Networks, Inc.

部品番号 JUNIPER-SECURE-CONNECT
部品情報  JUNIPER SECURE CONNECT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JUNIPER [Juniper Networks, Inc.]
ホームページ  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JUNIPER-SECURE-CONNECT データシート(HTML) 2 Page - Juniper Networks, Inc.

  JUNIPER-SECURE-CONNECT Datasheet HTML 1Page - Juniper Networks, Inc. JUNIPER-SECURE-CONNECT Datasheet HTML 2Page - Juniper Networks, Inc. JUNIPER-SECURE-CONNECT Datasheet HTML 3Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features and benefits
Feature
Description
Benefit
Available for desktop and
mobile devices
Available for Windows, Apple macOS, iOS, iPadOS, and Android operating systems.
Provides flexible and secure access for managed and unmanaged
devices.
Zero-touch configuration
Uses secure and automatic validation of the most current policy, ensuring users always
get the correct security policy enforced.
Offers an always-up-to-date security policy, ensuring users stay
secure and get access to the correct resources at any time.
Multifactor and biometric
authentication
Supports external multifactor authentication from industry-leading multifactor
authentication (MFA) solutions to increase security. It also supports integrated biometric
authentication on devices with hardware support.
Improves corporate security by leveraging a second form of
authentication for remote users.
Comprehensive security and
visibility
User access coming via Juniper Secure Connect must be subject to IPS, Juniper Advanced
Threat Prevention, and advanced security to identify and block unknown and known
threats that originate from non-corporate networks.
Reduces risk and provides the necessary visibility to ensure
remote access users are not introducing known or unknown
threats.
Juniper Security Director Cloud
Security Director Cloud is Juniper’s simple and seamless
management experience delivered in a single UI to connect
customers’ current deployments with their future architectural
rollouts. Management is at the center of the Juniper Connected
Security strategy and helps organizations secure every point of
connection on their network to safeguard users, data, and
infrastructure.
Organizations can secure their architecture with consistent security
policies across any environment—on premises, cloud-based, cloud-
delivered, and hybrid—and expand Zero Trust to all parts of the
network, from the edge to the data center to the applications and
microservices. With Security Director Cloud, organizations have
unbroken visibility, policy configuration, administration, and
collective threat intelligence all in one place.
Juniper meets our customers where they are on their architectural
journey, helps them leverage their existing investments, and
empowers them to transition to their preferred architecture at a
pace that is best for business by automating their transition with
Security Director Cloud.
Juniper Secure Edge
Juniper Secure Edge secures workforces anywhere with the fast,
reliable, and secure access they need. It delivers full-stack SSE
capabilities, including FWaaS, SWG, and CASB with DLP, ZTNA,
and advanced threat protection to protect access to web, SaaS, and
on-premises applications and provide users with security that
follows them wherever they go. Juniper meets customers where
they are and takes them where they want to go by leveraging what
they have and extending their Zero Trust initiatives to a cloud-
delivered architecture without breaking the bank or their ops team.
Juniper Secure Edge, managed by Security Director Cloud, uses a
single policy framework that enables security policies to be created
once to follow users, devices, and data wherever they go.
Customers don’t have to start from scratch when adopting cloud-
delivered security. With our three-click wizard, customers can easily
leverage existing campus edge policies and translate them into an
SSE policy. Because it uses a single policy framework regardless of
the deployment model, Secure Edge applies existing security
policies from traditional deployments to its cloud-delivered model in
just a few clicks, reducing misconfigurations and risk.
Whether securing remote users, campus and branch locations,
private cloud, public cloud, or hybrid cloud data centers, Juniper
provides unified management and unbroken visibility across all
architectures. This makes it easy for ops teams to effectively bridge
their current investments with future architectural goals, including
SASE. Customers can manage security anywhere and everywhere,
on-premises, in the cloud, and from the cloud, with security policies
that follow users, devices, and data wherever they go, all from a
single UI.
Users have fast, reliable, and secure access to the data and
resources they need, ensuring great user experiences. IT security
teams gain seamless visibility across the entire network while
leveraging their existing investments, helping them transition to a
cloud-delivered architecture at their own pace.
Juniper Secure Edge provides consistent security policies that
follow the user, device, and data without having to copy over or
recreate rule sets. It's easy to deploy cloud-delivered application
control, intrusion prevention, content and web filtering, and
effective threat prevention without breaking visibility or security
enforcement.
Multiple third-party tests have consistently validated Juniper as the
most effective security technology on the market for the past five
years, with over 99% security efficacy across all use cases.
Juniper Secure Connect Datasheet
2



Html Pages

1 2 3