| データシートサーチシステム |
|
MP3367 データシート(PDF) 25 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP3367 データシート(HTML) 25 Page - Monolithic Power Systems |
|
25 / 26 page ![]() MP3367 – 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C MP3367 Rev. 1.0 www.MonolithicPower.com 25 6/17/2019 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2019 MPS. All Rights Reserved. PACKAGE INFORMATION QFN-24 (4mmx4mm) PACKAGE OUTLINE DRAWING FOR 24L QFN (4X4mm) MF-PO-D-0049 revision 2.0 SIDE VIEW BOTTOM VIEW NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH. 3) LEAD COPLANARITY SHALL BE 0.08 MILLIMETERS MAX. 4) JEDEC REFERENCE IS MO-220 5) DRAWING IS NOT TO SCALE. PIN 1 ID MARKING TOP VIEW PIN 1 ID INDEX AREA RECOMMENDED LAND PATTERN PIN 1 ID 0.30X45° TYP 0.10x45º |