データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A66PBCOL データシート(PDF) 4 Page - nVent Electric plc

部品番号 A66PBCOL
部品情報  Pedestals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NVENT [nVent Electric plc]
ホームページ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

A66PBCOL データシート(HTML) 4 Page - nVent Electric plc

  A66PBCOL Datasheet HTML 1Page - nVent Electric plc A66PBCOL Datasheet HTML 2Page - nVent Electric plc A66PBCOL Datasheet HTML 3Page - nVent Electric plc A66PBCOL Datasheet HTML 4Page - nVent Electric plc A66PBCOL Datasheet HTML 5Page - nVent Electric plc A66PBCOL Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Mounting options Pedestals and Pedestal accessories
PH 763.422.2211
nVent.com/HOFFMAN
HMi (HuMan-MacHine interface)
4
Spec-00485 L
stainless steel pedestal
Pedestal is 36-in. (914-mm) tall
and provides optimal viewing and
operating height. Tube is 14 gauge
Type 304 one-piece construction.
Legs are 7 gauge Type 304 for
rigidity. Cable access plate and leg
levelers are included. Leg levelers
can be removed for anchoring
pedestal to floor. Pedestal has
smooth vertical brushed finish.
Pedestal will accept pedestal
accessories that are not stainless
steel. These include swivel tilt, swivel
and angle adapters.
Bulletin: p1S
Catalog Number
A in./mm
Description
AP36SS
36.00
914
Stainless steel
stainless steel extension
Pedestal Extension can be ordered
separately to provide additional 6
in. (152 mm) of height for standing
position. Extension is 14 gauge Type
304 stainless steel with a smooth
brushed finish.
Extension will accept pedestal
accessories that are not stainless
steel. These include swivel tilt, swivel
and angle adapters.
Bulletin: p1S
Catalog Number
Description
APE6SS
Stainless steel



Html Pages

1 2 3 4 5 6