| データシートサーチシステム |
|
DST-SW-V データシート(PDF) 11 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-V データシート(HTML) 11 Page - Greenlee Communications |
|
11 / 108 page ![]() 287 = NEW PRODUCT = REPLACEMENT PART = ACCESSORY B = BARE TOOL www.greenlee.com Nautilus Range Telephone Test Sets • Waterproof tested to an IEC IP67 rating, these test sets are so impervious to water they can actually withstand submersion, though they actually float • The PE961 features our DigAlert™ over-voltage alarm and lock-out function to reduce the risk of damaging or knocking out digital service lines • Built-in DSL Filter • Ten-number speed dial memory (32 digits each) • Last number redial • Precise hook flash • Microphone mute • Audible and visual mode indicators • Polarity test in any mode • Unique quick-release belt clip • Premium cord set with bed-of-nails and piercing pin clips • Luminescent Keymat PE961 CAT. NO. UPC NO. DESCRIPTION PE930 60487 Telephone Test Set PE945 60489 Test Set with Two-Way Hands Free PE961 60511 Test Set with Two-Way Hands Free and DigAlert PE901 60492 Ground Start Cord Set PE902 60493 Cord Set FEATURE PE930 PE945 PE961 Monitor safe for data ✔ ✔ ✔ Adjustable Ringer ✔ ✔ ✔ Waterproof Design ✔ ✔ ✔ Loud Speaker Listening ✔ ✔ Two-Way Hands Free ✔ ✔ DigAlert™ Data Lock-out ✔ ADSL Compatible ✔ ✔ ✔ |