| データシートサーチシステム |
|
STM32L151VD データシート(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VD データシート(HTML) 86 Page - STMicroelectronics |
|
86 / 154 page ![]() Electrical characteristics STM32L151xD STM32L152xD 86/154 DocID022027 Rev 11 tSTAB(MSI)(2) MSI oscillator stabilization time MSI range 0 - 40 µs MSI range 1 - 20 MSI range 2 - 10 MSI range 3 - 4 MSI range 4 - 2.5 MSI range 5 - 2 MSI range 6, Voltage range 1 and 2 -2 MSI range 3, Voltage range 3 -3 fOVER(MSI) MSI oscillator frequency overshoot Any range to range 5 -4 MHz Any range to range 6 -6 1. This is a deviation for an individual part, once the initial frequency has been measured. 2. Guaranteed by characterization results. Table 32. MSI oscillator characteristics (continued) Symbol Parameter Condition Typ Max Unit |