| データシートサーチシステム |
|
INA214AIRSWT データシート(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA214AIRSWT データシート(HTML) 29 Page - Texas Instruments |
|
29 / 50 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA210AIDCKJ Active Production SC70 (DCK) | 6 10000 | JUMBO T&R Yes SN Level-2-260C-1 YEAR -40 to 125 CET INA210AIDCKJ.B Active Production SC70 (DCK) | 6 10000 | JUMBO T&R Yes SN Level-2-260C-1 YEAR -40 to 125 CET INA210AIDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 CET INA210AIDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 CET INA210AIDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 CET INA210AIDCKR1G4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 INA210AIDCKR1G4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 INA210AIDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 CET INA210AIDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 CET INA210AIDCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 CET INA210AIRSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 KNJ INA210AIRSWR.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 KNJ INA210AIRSWR.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 KNJ INA210AIRSWRG4 Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 KNJ INA210AIRSWRG4.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 KNJ INA210AIRSWRG4.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 KNJ INA210AIRSWT Obsolete Production UQFN (RSW) | 10 - - Call TI Call TI -40 to 125 (KNJ, NSJ) INA210BIDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 SED INA210BIDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SED INA210BIDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SED INA210BIDCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 INA210BIDCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 INA210BIDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 SED INA210BIDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SED INA210BIDCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SED INA210BIDCKTG4 Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SED INA210BIDCKTG4.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SED INA210BIDCKTG4.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SED INA210BIRSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SHQ Addendum-Page 1 |