| データシートサーチシステム |
|
STM32L151VDT7 データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VDT7 データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 154 page ![]() Electrical characteristics STM32L151xD STM32L152xD 64/154 DocID022027 Rev 11 VBOR3 Brown-out reset threshold 3 Falling edge 2.45 2.55 2.6 V Rising edge 2.54 2.66 2.7 VBOR4 Brown-out reset threshold 4 Falling edge 2.68 2.8 2.85 Rising edge 2.78 2.9 2.95 VPVD0 Programmable voltage detector threshold 0 Falling edge 1.8 1.85 1.88 Rising edge 1.88 1.94 1.99 VPVD1 PVD threshold 1 Falling edge 1.98 2.04 2.09 Rising edge 2.08 2.14 2.18 VPVD2 PVD threshold 2 Falling edge 2.20 2.24 2.28 Rising edge 2.28 2.34 2.38 VPVD3 PVD threshold 3 Falling edge 2.39 2.44 2.48 Rising edge 2.47 2.54 2.58 VPVD4 PVD threshold 4 Falling edge 2.57 2.64 2.69 Rising edge 2.68 2.74 2.79 VPVD5 PVD threshold 5 Falling edge 2.77 2.83 2.88 Rising edge 2.87 2.94 2.99 VPVD6 PVD threshold 6 Falling edge 2.97 3.05 3.09 Rising edge 3.08 3.15 3.20 Vhyst Hysteresis voltage BOR0 threshold - 40 - mV All BOR and PVD thresholds excepting BOR0 - 100 - 1. Guaranteed by characterization results. 2. Valid for device version without BOR at power up. Please see option “D” in Ordering information scheme for more details. Table 14. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit |