| データシートサーチシステム |
|
1SFA619100R1016 データシート(PDF) 12 Page - ABB |
|
|
|||||||||||||||||||||||||||||
1SFA619100R1016 データシート(HTML) 12 Page - ABB |
|
12 / 24 page ![]() 12 | 1SFC151006C0201 | Pilot devices core offering catalog M2SSK1-101 How to order: See page "Assemblies" on page 14. Description Bezel Type Order code Pkg qty 2-positions Maintained (The key can be removed in both positions) Key release code 71/ronis 455 Black plastic M2SSK1-101 1SFA611280R1001 1 Maintained (The key can be removed in position B only) Key release code 71/ronis 455 Black plastic M2SSK2-101 1SFA611281R1001 1 Momentary, spring return from C to B (The key can be removed in position B only) Key release code 71/ronis 455 Black plastic M2SSK3-101 1SFA611282R1001 1 3-positions Maintained (The key can be removed in all positions) Key release code 71/ronis 455 Black plastic M3SSK1-101 1SFA611283R1001 1 Momentary, spring return from A to B and from C to B (The key can be removed in position B only) Key release code 71/ronis 455 Black plastic M3SSK3-101 1SFA611285R1001 1 Handle position Handle position B C Right Left Right Left Handle position Handle position B C Right Left Right Left Key-operated selector switch 3-pos Contacts actuated Key-operated selector switch 2-pos Contacts actuated Modular range Key-operated selector switches Handle position Handle position Handle position Selector switch 2 pos and 3-pos Contacts actuated Handle position Handle position Two position toggle switch Three position toggle switch Left Centre Right Left Centre Right A C A C A B C A A B C B C Handle position Handle position Two position toggle switch Three position toggle switch Left Centre Right Left Centre Right A C A C A B C A A B C B C Toggle switch 2-pos Contacts actuated Toggle switch 3-pos Contacts actuated For more pilot devices products please see the complete catalog 1SFC151005C0201. Position scheme for switches |