データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324BAIPWR データシート(PDF) 38 Page - Texas Instruments

部品番号 LM324BAIPWR
部品情報  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM324BAIPWR データシート(HTML) 38 Page - Texas Instruments

Back Button LM324BAIPWR Datasheet HTML 34Page - Texas Instruments LM324BAIPWR Datasheet HTML 35Page - Texas Instruments LM324BAIPWR Datasheet HTML 36Page - Texas Instruments LM324BAIPWR Datasheet HTML 37Page - Texas Instruments LM324BAIPWR Datasheet HTML 38Page - Texas Instruments LM324BAIPWR Datasheet HTML 39Page - Texas Instruments LM324BAIPWR Datasheet HTML 40Page - Texas Instruments LM324BAIPWR Datasheet HTML 41Page - Texas Instruments LM324BAIPWR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Oct-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM124DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM124DRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM224ADR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM224ADR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM224ADRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM224DR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM224DRG4
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM224KADR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM224KDR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM2902BAIDR
SOIC
D
14
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM2902BAIPWR
TSSOP
PW
14
3000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902BIDR
SOIC
D
14
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM2902BIPWR
TSSOP
PW
14
3000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902BIRTER
WQFN
RTE
16
5000
330.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
LM2902DR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM2902DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65