データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7385 データシート(PDF) 14 Page - STMicroelectronics

部品番号 TDA7385
部品情報  4 x 42 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7385 データシート(HTML) 14 Page - STMicroelectronics

Back Button TDA7385 Datasheet HTML 9Page - STMicroelectronics TDA7385 Datasheet HTML 10Page - STMicroelectronics TDA7385 Datasheet HTML 11Page - STMicroelectronics TDA7385 Datasheet HTML 12Page - STMicroelectronics TDA7385 Datasheet HTML 13Page - STMicroelectronics TDA7385 Datasheet HTML 14Page - STMicroelectronics TDA7385 Datasheet HTML 15Page - STMicroelectronics TDA7385 Datasheet HTML 16Page - STMicroelectronics TDA7385 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application hints
TDA7385
14/17
Doc ID 8160 Rev 6
Pin 1, which is mechanically attached to the device’s tab, needs to be tied to the cleanest
power ground point in the pc-board, which is generally near the supply filtering capacitors.
Figure 17.
Diagnostics waveforms
Figure 18.
Fault detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17