データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7567PDTR データシート(PDF) 22 Page - STMicroelectronics

部品番号 TDA7567PDTR
部品情報  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PDTR データシート(HTML) 22 Page - STMicroelectronics

Back Button TDA7567PDTR Datasheet HTML 18Page - STMicroelectronics TDA7567PDTR Datasheet HTML 19Page - STMicroelectronics TDA7567PDTR Datasheet HTML 20Page - STMicroelectronics TDA7567PDTR Datasheet HTML 21Page - STMicroelectronics TDA7567PDTR Datasheet HTML 22Page - STMicroelectronics TDA7567PDTR Datasheet HTML 23Page - STMicroelectronics TDA7567PDTR Datasheet HTML 24Page - STMicroelectronics TDA7567PDTR Datasheet HTML 25Page - STMicroelectronics TDA7567PDTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
I2C bus
TDA7567PD
22/30
Doc ID 16903 Rev 2
8.2.4
Acknowledge
The transmitter puts a resistive high level on the SDA line during the acknowledge clock
pulse (see Figure 18). The receiver the acknowledges has to pull-down (low) the SDA line
during the acknowledge clock pulse, so that the SDA line is stable low during this clock
pulse.
Transmitter:
●
master (µP) when it writes an address to the TDA7567PD
●
slave (TDA7567PD) when the µP reads a data byte from TDA7567PD
Receiver:
●
slave (TDA7567PD) when the µP writes an address to the TDA7567PD
●
master (µP) when it reads a data byte from TDA7567PD
Figure 16. Data validity on the I2C bus
Figure 17. Timing diagram on the I2C bus
Figure 18. Acknowledge on the I2C bus
SDA
SCL
DATA LINE
STABLE, DATA
VALID
CHANGE
DATA
ALLOWED
D99AU1031
SCL
SDA
START
I2CBUS
STOP
D99AU1032
SCL
1
MSB
23789
SDA
START
ACKNOWLEDGMENT
FROM RECEIVER
D99AU1033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30