| データシートサーチシステム |
|
PAC1932 データシート(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1932 データシート(HTML) 16 Page - Microchip Technology |
|
16 / 62 page ![]() PAC1932/3/4 DS20005850C-page 16 2017-2018 Microchip Technology Inc. 3.8 Enable Pin (PWRDN) Power down input pin for the device, active low. 3.9 SLOW/ALERT In default mode, if this pin is forced high, sampling rate is forced to eight samples/second. When it is forced low, the sampling rate is 1024 samples/second unless a different sample rate has been programmed.This pin may be programmed to act as the ALERT pin, in ALERT mode the pin needs a pull-up resistor to VDD I/O. 3.10 Exposed Thermal Pad Pin (EP) The Exposed pad is not electrically connected. It is recommended that you connect it to ground. |