| データシートサーチシステム |
|
PAC1933T-I/JQ. データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1933T-I/JQ. データシート(HTML) 18 Page - Microchip Technology |
|
18 / 62 page ![]() PAC1932/3/4 DS20005850C-page 18 2017-2018 Microchip Technology Inc. FIGURE 4-2: PAC1932/3/4 Functional Block Diagram. FIGURE 4-3: PCB Pattern for Sense Resistor. Figure 4-3 shows the recommended PCB pattern for sense resistor with wide metal for the high-current path. The drawing shows metal, solder paste openings and resistor outline. VSOURCE connects to the +terminal of the high-current path, and the load connects to the -terminal of the high-current path. Sense+ and Sense- have a Kelvin connection to the current sense resistor to ensure that no metal with high current is included in the VSENSE measurement path. Sense+ and Sense- are shown as a differential pair, route them as a differential pair to the Sense inputs at the chip. VDD GND VDD I/O ADDRS EL SLO W/ALE RT Accumlato r Differen tia l VSENS E Amplifier VBUS Buffer/ Divi der SM_CLK SM_DATA PWRDN ADC/MUX Clocking & Control VBUS Registe rs VSENS E Registe rs VPOWE R Registe rs Accumulator Registe rs Control Registe rs Calculation and Calibra tion 16-bit ADC 16-bit ADC Resistor Decoder SENSE 1+ SENSE 1- SENSE 2+ SENSE 2- SENSE 3+ SENSE 3- SENSE 4+ SENSE 4- VBUS1 VBUS2 High Voltage MUX VBUS4 Sen se1+ Sen se2+ Sen se1- Sen se2- Sen se3+ Sen se3- Sen se4+ Sen se4- VBUS3 |