| データシートサーチシステム |
|
LM3578AM/NOPB データシート(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3578AM/NOPB データシート(HTML) 24 Page - Texas Instruments |
|
24 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM2578AM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 2578 AM LM2578AM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 2578 AM LM2578AMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 2578 AM LM2578AMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 2578 AM LM2578AN/NOPB Active Production PDIP (P) | 8 40 | TUBE Yes NIPDAU Level-1-NA-UNLIM -40 to 125 LM2578AN LM2578AN/NOPB.B Active Production PDIP (P) | 8 40 | TUBE Yes NIPDAU Level-1-NA-UNLIM -40 to 125 LM2578AN LM2578AN/NOPBG4 Active Production PDIP (P) | 8 40 | TUBE Yes NIPDAU Level-1-NA-UNLIM -40 to 125 LM2578AN LM2578AN/NOPBG4.B Active Production PDIP (P) | 8 40 | TUBE Yes NIPDAU Level-1-NA-UNLIM -40 to 125 LM2578AN LM3578AM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM 0 to 125 3578 AM LM3578AM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM 0 to 125 3578 AM LM3578AMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 125 3578 AM LM3578AMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 125 3578 AM LM3578AN/NOPB Active Production PDIP (P) | 8 40 | TUBE Yes NIPDAU Level-1-NA-UNLIM 0 to 125 LM3578AN LM3578AN/NOPB.B Active Production PDIP (P) | 8 40 | TUBE Yes NIPDAU Level-1-NA-UNLIM 0 to 125 LM3578AN (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |